| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85263ATL/A Fiches technique(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/A Fiches technique(HTML) 25 Page - NXP Semiconductors |
|
25 / 100 page ![]() PCF85263A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4.1 — 27 November 2015 25 of 100 NXP Semiconductors PCF85263A Tiny RTC with alarm, battery switch-over, and I2C-bus 8.4.3 Alarm interrupts The generation of interrupts from the alarm functions is controlled via the alarm interrupt enable bits; A1IEA, A1IEB, A2IEA, A2IEB. These bits are in registers INTA_enable (address 29h) and INTB_enable (address 2Ah). (1) Only when all enabled alarm settings are matching. The flag is set only on increment to a matched case (and not all the time it is equal). Fig 13. Alarm1 and alarm2 function block diagram (stop-watch mode) |