Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

369 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 369
Description  Male DC Power adapter - 2.1mm plug to screw terminal block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

369 Fiches technique(HTML) 2 Page - Adafruit Industries

  369 Datasheet HTML 1Page - Adafruit Industries 369 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
If you need to connect a battery pack or wired power supply to a board that has a
DC jack - this adapter will come in very handy! There is a 2.1mm DC plug on one
end, and a screw terminal block on the other. The terminals are labeled with
positive/negative assuming a positive-tip configuration (which is the most
common)
Page 2 of 2
10/5/2015
http://www.adafruit.com/products/369



Html Pages

1 2