Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1098 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 1098
Description  Simple RF L4 Receiver - 315MHz Latching Selector Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1098 Fiches technique(HTML) 2 Page - Adafruit Industries

  1098 Datasheet HTML 1Page - Adafruit Industries 1098 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
o
The M4 momentary type acts like a push button - when the A button is held down, the matching
pin goes high. When the A button is released, the matching pin goes low. The pins only go high
when a button is pressed
o
The T4 toggle type acts like an alternating toggle switch - when the A button is pressed the first
time, the matching pin goes high. When the A button is pressed a second time, the matching pin
goes low. The pins are turned on and off by repeated presses
o
The L4 latch type acts like a selector switch - when the A button is pressed the first time, the
matching pin goes high. When the B button is pressed it turns A's pin off and turns B's pin on.
When C is pressed, it turns B off, etc. Only one is on at a time. If you press the same button twice,
it doesn't turn that pin off.
This product ID is for the Latching L4 type! It only includes the receiver module, you will also need to
pick up a keyfob transmitter
Technical Details
Based on the PT2272 chipset
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2