Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1097 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 1097
Description  Simple RF T4 Receiver - 315MHz Toggle Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1097 Fiches technique(HTML) 2 Page - Adafruit Industries

  1097 Datasheet HTML 1Page - Adafruit Industries 1097 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This product ID is for the Toggle T4 type! It only includes the receiver module, you will also need to
pick up a keyfob transmitter.
Note: This product may have flux residue on the back, but will still work properly.
Technical Details
Based on the PT2272 chipset
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2