| Moteur de recherche de fiches techniques de composants électroniques |
|
TCA9538DBRG4.A Fiches technique(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCA9538DBRG4.A Fiches technique(HTML) 38 Page - Texas Instruments |
|
38 / 40 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.05 MAX ALL AROUND 0.05 MIN ALL AROUND 16X (1.85) 16X (0.45) 14X (0.65) (7) (R0.05) TYP SSOP - 2 mm max height DB0016A SMALL OUTLINE PACKAGE 4220763/A 05/2022 NOTES: (continued) 5. Publication IPC-7351 may have alternate designs. 6. Solder mask tolerances between and around signal pads can vary based on board fabrication site. LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE: 10X SYMM SYMM 1 8 9 16 15.000 METAL SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK OPENING EXPOSED METAL EXPOSED METAL SOLDER MASK DETAILS NON-SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DEFINED |