Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC72 Fiches technique(PDF) 6 Page - Pentair Equipment Protection - Hoffman

No de pièce LPC72
Description  PANELIT E Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Site Internet  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

LPC72 Fiches technique(HTML) 6 Page - Pentair Equipment Protection - Hoffman

  LPC72 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman LPC72 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman LPC72 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman LPC72 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman LPC72 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman LPC72 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
Spec-00581 L
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
accEssoriEs
6
rEmotE Door switchEs
•
Remote door switch activates the
light when the enclosure door is
opened
•
Mounts on enclosure frame and
includes mounting hardware
•
Mounting plate is 14 gauge steel
with a plated finish
•
Can be hard-wired to the
PANELITE LED or Fluorescent
light or connected via the
PANELITE Door Switch Cable
Bulletin: A80lt, p20
Standard Product
 
Catalog Number
Description
ALFSWD
Door switch assembly (order connection cable separately)
PLFSWD
Door switch assembly for PROLINE (order connection cable separately)
touch-saFE ul light switch
aPPlicatioN
The Touch-Safe light switch is designed to be used with Hoffman
light kits (AC and DC). It provides a UL listed touch-safe switch that
can be used on many enclosure types and includes hardware for
most applications. The light switch maintains enclosure overall
rating up to UL 508A Type 4X or 12.
FEaturEs
•
UL listed for a touch-safe wire connection
•
Easily mounted to various enclosure types; common bracket and
hardware included for many enclosure types (NEMA, CONCEPT/
FUSION G7, PROLINE, Freestanding Type 12)
•
Cable PG compression hub
•
Wide operating temperature range: -49°F to +158°F (-45°C to
70°C)
•
Rugged die-cast anodized zinc construction
•
Connection 3 cage clamps for solid and stranded wire AWG 20-14
(0.5-2.5mm²)
•
Protection class I (grounded)
Bulletin: A80lt
Catalog Number
Max. Cable Dia.
Max. Voltage
LDSWITCH
.375 in.
250 AC / 48 DC
mouNtiNg bracKEt Kit For light PacKagE
Kit simplifies mounting light package in Hoffman PROLINE
disconnect enclosures. Includes brackets, all mounting hardware
and complete instructions.
Bulletin: A80lt
Catalog Number
Description
PDLFBRKT
Mounting Bracket Kit
lED PucK light
The LED Puck Light is ideal for
remote and darkened applications.
This versatile light provides
mounting flexibility; it can be
magnetically attached to flat steel
surfaces or can be hung with a
swivel hook. This small form factor,
light-weight LED light provides
superior lighting performance with
minimal power consumption. It can
be used as a three-LED flashlight
or as a 24-LED work light with
operating temperature of 40 F to 120
F (4 C to 48 C). An on/off switch is
incorporated in the light and three
AAA batteries are included.
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Product Weight
LEDPUCK
2.25 x 3.75 x 1.38
57 x 95 x 35
0.22 lbs.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com