Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC2G04DBVT Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce SN74LVC2G04DBVT
Description  SN74LVC2G04 Dual Inverter Gate
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G04DBVT Fiches technique(HTML) 16 Page - Texas Instruments

Back Button SN74LVC2G04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Apr-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC2G04DBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
SN74LVC2G04DBVRG4
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G04DBVT
SOT-23
DBV
6
250
178.0
9.2
3.3
3.23
1.55
4.0
8.0
Q3
SN74LVC2G04DBVT
SOT-23
DBV
6
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G04DBVTG4
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G04DCKR
SC70
DCK
6
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC2G04DCKR
SC70
DCK
6
3000
180.0
8.4
2.3
2.5
1.2
4.0
8.0
Q3
SN74LVC2G04DCKRG4
SC70
DCK
6
3000
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G04DCKT
SC70
DCK
6
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC2G04DCKT
SC70
DCK
6
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G04DCKT
SC70
DCK
6
250
180.0
8.4
2.41
2.41
1.2
4.0
8.0
Q3
SN74LVC2G04DCKTG4
SC70
DCK
6
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G04DRLR
SOT-5X3
DRL
6
4000
180.0
8.4
2.0
1.8
0.75
4.0
8.0
Q3
SN74LVC2G04YZPR
DSBGA
YZP
6
3000
178.0
9.2
1.02
1.52
0.63
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30