| Moteur de recherche de fiches techniques de composants électroniques |
|
BD179 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD179 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() BD179 NPN SILICON TRANSISTOR s SGS-THOMSON PREFERRED SALESTYPE s NPN TRANSISTOR APPLICATION s GENERAL PURPOSE SWITCHING DESCRIPTION The BD179 is a silicon epitaxial planar NPN transistor in Jedec SOT-32 plastic package, designed for medium power linear and switching applications. INTERNAL SCHEMATIC DIAGRAM September 1997 3 2 1 SOT-32 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCBO Collector-Base Voltage (IE =0) 80 V VCEO Collector-Emit ter Voltage (IB =0) 80 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collector Current 3 A IB Base Current 7 A Ptot Tot al Dissipation at Tc ≤ 25 oC30 W Tstg Storage Temperature -65 to 150 oC Tj Max. O perat ing Junction Temperature 150 oC 1/5 |
Numéro de pièce similaire - BD179 |
|
Description similaire - BD179 |