| Moteur de recherche de fiches techniques de composants électroniques |
|
385LP4E Fiches technique(PDF) 2 Page - Hittite Microwave Corporation |
|
|
|||||||||||||||||||||||||||||
385LP4E Fiches technique(HTML) 2 Page - Hittite Microwave Corporation |
|
2 / 6 page ![]() 9 9 - 15 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Frequency vs. Tuning Voltage, T= 25°C Sensitivity vs. Tuning Voltage, Vcc= +3V Typical SSB Phase Noise @ Vtune= +5V Phase Noise vs. Tuning Voltage Frequency vs. Tuning Voltage, Vcc= +3V Output Power vs. Tuning Voltage, Vcc= +3V 2 2.1 2.2 2.3 2.4 2.5 2.6 01 234 5678 9 10 Vcc=2.75V Vcc=3.0V Vcc=3.25V TUNING VOLTAGE (VOLTS) 2 2.1 2.2 2.3 2.4 2.5 2.6 01 234 5678 9 10 +25 C +85 C -40 C TUNING VOLTAGE (VOLTS) 0 20 40 60 80 100 120 140 160 180 +25 C +85 C -40 C 0 123 456 7 8 9 10 TUNING VOLTAGE (VOLTS) 0 1 2 3 4 5 6 7 8 +25 C +85 C -40 C 0 123 456 7 8 9 10 TUNING VOLTAGE (VOLTS) -120 -115 -110 -105 -100 -95 -90 -85 -80 01 234 5678 9 10 10 KHz Offset 100 KHz Offset TUNING VOLTAGE (VOLTS) -150 -140 -130 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 3 10 4 10 5 10 6 10 7 +25 C +85 C -40 C OFFSET FREQUENCY (Hz) MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz v02.0705 HMC385LP4 / 385LP4E |