Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

571 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 571
Description  Adafruit Perma-Proto Half-sized Breadboard PCB - 3 Pack!
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

571 Fiches technique(HTML) 2 Page - Adafruit Industries

  571 Datasheet HTML 1Page - Adafruit Industries 571 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Customers have asked us to carry basic perf-board, but we never liked the look of
most basic perf: its always crummy quality, with pads that flake off and no labeling.
Then we thought about how people actually prototype - usually starting with a
solderless breadboard and then transferring the parts to a more permanent PCB.
That's when we realized what people would really like is a proto board that makes
it easy!
This proto-board is the PCB you always wish you had, but never realized it! We
took the basic layout of a half-sized breadboard and turned that into a beautiful
PCB. The top side has a white silkscreen, and the same markings you're familiar
with, to make transferring components easy. The bottom has the 5-hole pad
design that matches a classic breadboard, with 4 power bus lines on the sides, and
no mask so you can easily cut traces when necessary. We used 1.2mm diameter
drill holes so even parts with big leads will fit. All holes are thru-plated for strength
- these wont peel off with rework. The finish is a gold plate - you won't get
oxidation like with bare copper perf! There are also two mounting holes so you can
attach the PCB to your project box. They'll also fit nicely in an Altoids-sized mint
tin
These are so handy, we decided to put them in a pack of 3. Once you use a Perma-
Proto board, you'll never go back!
Page 2 of 2
7/21/2015
http://www.adafruit.com/products/571



Html Pages

1 2