Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BOS02CU Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BOS02CU
Description  BOS 6K-UI-RD10-S75
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02CU Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BOS02CU Datasheet HTML 1Page - Balluff Korea Ltd. BOS02CU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 6K-UI-RD10-S75
Order Code: BOS02CU
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 291900
ETIM 6.0: EC001821
BOS02CU_1.18_2025-03-27
2 / 2
IO-Link
IO-Link Profil IDs
0x0004 SSP2.1
0x0005 SSP2.2
0x0006 SSP2.3
0x4000 Identification and
Diagnosis
IO-Link function classes
0x800C Transducer Disable
0x8101 Locator
Interface
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Process data IN
1 byte
Process data OUT
1 byte
Switching output
PNP/NPN/IO-Link NO/NC
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
70 x 70 mm at 800 mm
Light type
LED, red light
Principle of optical operation
Diffuse sensor, energetic
Switching function, optical
Light/dark switching
Wave length
632 nm
Range/Distance
Hysteresis H max. (% of Sr)
10.0 %
Range
0...800 mm
Rated operating distance Sn
800 mm, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com