| Moteur de recherche de fiches techniques de composants électroniques |
|
BCW66 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BCW66 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BCW66 SMALL SIGNAL NPN TRANSISTORS s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s MEDIUM CURRENT AF AMPLIFICATION AND SWITCHING s PNP COMPLEMENT IS BCW68 INTERNAL SCHEMATIC DIAGRAM October 1997 1 2 3 SOT-23 Type Marking BCW66F EF BCW 66G EG BCW 66H EH ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCES Collector-Emit ter Voltage (VBE =0) 75 V VCEO Collector-Emit ter Voltage (IB =0) 45 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collector Current 0.8 A ICM Collector Peak Current 1 A IB Base Current 0.1 A Ptot Tot al Dissipation at Tc =25 oC 360 mW Tstg Storage Temperature -65 to 150 oC Tj Max. O perat ing Junction Temperature 150 oC 1/4 |
Numéro de pièce similaire - BCW66 |
|
Description similaire - BCW66 |