| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8883US/7EA/1 Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8883US/7EA/1 Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 35 page ![]() PCF8883 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4.1 — 14 September 2016 21 of 35 NXP Semiconductors PCF8883 Capacitive touch/proximity switch with auto-calibration [1] The x/y coordinates of the alignment mark location represent the position of the REF point (see Figure 19) with respect to the center (x/y = 0) of the chip. [2] The x/y values of the dimensions represent the extensions of the alignment mark in direction of the coordinate axis (see Figure 19). 17. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. Fig 19. Alignment mark of the PCF8883US die (for location and dimension see Table 10) Table 10. Alignment mark dimension and location Coordinates x y Location[1] 172 m 371 m Dimension[2] 117 m131 m |