| Moteur de recherche de fiches techniques de composants électroniques |
|
RB34412201 Fiches technique(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RB34412201 Fiches technique(HTML) 1 Page - E-SWITCH |
|
1 / 3 page ![]() www.e-switch.com 800.867.2717 1 • High Quality and Reliable Switch • 13.8mm x 30.2mm Cutout • Illumination Options • Marking Options • Multiple Terminal and Actuator Options • Front Panel Mount Applications • 1 Pole Maintained and Momentary Functions Terminal Body Color A - 16(8)A, 125/250VAC, T55, IP67 B - 20(8)A, 125/250VAC, T55, IP67 C - 25(8)A, 125/250VAC, T55, IP67 D - 16A, 6-48VDC, T55, IP67 E - 20A, 6-36VDC, T55, IP67 1 - 16(8)A, 125/250VAC, T125/55 2 - 20(8)A, 125/250VAC, T125/55 4 - 16A, 6-48VDC, 40T125/55 5 - 20A, 6-36VDC, 40T125/55 1 - Black 2 - White 1 - On-Off 2 - On-On 3 - On-Off-On 4 - (On)-(Off) 5 - (On)-On 6 - (On)-Off-(On) 7 - (On)-Off-On Notes: Custom Colors and Markings Available Upon Request ( ) = Denotes Momentary Function Series Function 1 - Black 2 - White Rating Actuator Color Marking Color 0 - None 2 - White Marking Type 0 - None 1 - I/O Vertical 2 -ON-OFF-ON Vertical 3 - ON-OFF Vertical 4 - ON-OFF Horizontal 9 - I/O/II Horizontal R - I/O Horizontal S - I/O/II Vertical Lamp Voltage None - No LED 0 - White 1 - Red 2 - Amber 3 - Green 4 - Blue 5 - Yellow None - No LED 0 - White 1 - Red 2 - Amber 3 - Green 4 - Blue 5 - Yellow None - Not Illuminated 4 - 12V 5 - 24V 6 - 125V 7 - 250V LED 1 RB3 4 - 6.3mm Tab LED 2 Specifications Part Number Configurator RB3 Series Rocker Switch Features & Benefits Applications / Markets Specifications subject to change without notice 7.27.2023 Industrial Controls Commercial Appliances Electrical Rating: A - 16(8)A, 125/250VAC, T55, IP67 B - 20(8)A, 125/250VAC, T55, IP67 C - 25(8)A, 125/250VAC, T55, IP67 D - 16A, 6-48VDC, T55, IP67 E - 20A, 6-36VDC, T55, IP67 1 - 16(8)A, 125/250VAC, T125/55 2 - 20(8)A, 125/250VAC, T125/55 4 - 16A, 6-48VDC, 40T125/55 5 - 20A, 6-36VDC, 40T125/55 Operating Temperature: -40°C to 125°C (not all Ratings have this range) Electrical Life: 10,000 Cycles Contact Resistance: 20mΩ Max. at 50VAC initial Insulation Resistance: 100MΩ Min. at 500VDC Dielectric Strength: 1,000VAC for 1 min. Ingress Protection: IP67 (not available for all Ratings) Agency Approvals: cURus, ENEC Instrumentation Electrical Housewares Floor Care Appliances Medical/Dental |
Numéro de pièce similaire - RB34412201 |
|
Description similaire - RB34412201 |