| Moteur de recherche de fiches techniques de composants électroniques |
|
01021 Fiches technique(PDF) 1 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
01021 Fiches technique(HTML) 1 Page - Wiha Tools |
|
|
1 / 1 page ![]() 148 148 Which drives are used for each individual product? Page 304 Screwdriver SoftFinish® Hexagon angled 357 Order-No. 26230 3 35 20 139 23 10 26231 4 40 25 151 30 10 26232 5 45 28 156 30 10 26233 6 50 32 168 36 10 26234 8 60 36 178 36 10 26235 10 75 40 199 41 10 Screwdriver SoftFinish® Hexagon nut driver with round blade 341 Order-No. 01018 4 125 236 30 6,9 10 01020 5 125 236 30 7,9 10 01021 5,5 125 236 30 7,9 10 01022 6 125 236 30 8,9 10 01023 7 125 243 36 10,9 10 01024 8 125 243 36 11,9 10 01025 9 125 243 36 12,9 10 01026 10 125 243 36 14,4 10 01027 11 125 249 41 15,9 10 01028 12 125 249 41 16,9 10 01029 13 125 249 41 18,4 10 01030 14 125 249 41 19,4 10 01031 15 125 249 41 21,9 10 01032 16 125 249 41 21,9 10 01033 17 125 249 41 23,4 10 Hexagon nut driver with short round blade 343 Order-No. 01076 5,5 65 176 30 8 10 01077 6 65 176 30 9 10 01078 7 65 183 36 11 10 01079 8 65 183 36 12 10 01081 10 65 183 36 14 10 Screwdriver SoftFinish® Hexagon nut driver, inch design with round blade and hexagon head 347 Zoll Order-No. 02836 3/16 125 10 231 30 4,76 10 02837 1/4 125 10 238 36 6,35 10 02838 5/16 125 10 238 36 7,94 10 02839 3/8 125 10 238 36 9,53 10 02840 7/16 125 13 246 41 11,11 10 02841 1/2 125 13 246 41 12,70 10 |
Numéro de pièce similaire - 01021 |
|
Description similaire - 01021 |