| Moteur de recherche de fiches techniques de composants électroniques |
|
W83310G-R2 Fiches technique(PDF) 2 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W83310G-R2 Fiches technique(HTML) 2 Page - Winbond |
|
2 / 13 page ![]() W83310S-R2/W83310G-R2 Publication Release Date: January 17, 2005 -I- Revision 0.53 W83310S-R2 Data Sheet Revision History PAGES DATES VERSION VERSION ON WEB MAIN CONTENTS 1 N.A. 03/Mar. 0.5 N.A. All versions before 0.5 are for internal use only 2 4 03/Jul. 0.51 N.A. Recommend circuit update 3 All 05/Jan. 0.52 N.A Add Pb-free part no:W83310G-R2 4 1,2 06/Jan. 0.53 N.A Add description of supporting cont. 1.8 Amp driving and sinking current. Please note that all data and specifications are subject to change without notice. All the trademarks of products and companies mentioned in this datasheet belong to their respective owners. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Winbond customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Winbond for any damages resulting from such improper use or sales. |