| Moteur de recherche de fiches techniques de composants électroniques |
|
BC177 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC177 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() BC177 LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS DESCRIPTION The BC177 is a silicon planar epitaxial PNP transistors in TO-18 metal case. It is suitable for use in driver stages, low noise input stages and signal processing circuits of television reveivers. The NPN complement is BC107. INTERNAL SCHEMATIC DIAGRAM November 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collect or-Emitt er Voltage (VBE =0) -50 V VCEO Collect or-Emitt er Voltage (IB =0) -45 V VEBO Emitt er-Base Voltage (IC =0) -5 V IC Collect or Current -100 mA ICM Collect or Peak Current -200 mA Ptot Total Dissipation at Tamb ≤ 25 oC0.3 W Tstg St orage Temperature -65 t o 175 oC Tj Max. Operating Junction Temperature 175 oC TO-18 1/6 |
Numéro de pièce similaire - BC177 |
|
Description similaire - BC177 |