Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3905 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 3905
Description  2x2 AA Battery Holder with Premium Jumper Header Wires
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3905 Fiches technique(HTML) 2 Page - Adafruit Industries

  3905 Datasheet HTML 1Page - Adafruit Industries 3905 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Looking for an option that won't leave your batteries exposed? We've got lots of
battery holders with snap-on covers and the like
AA Batteries are not included, but we have them in the store!
TECHNICAL DETAILS
Holder Dimensions: ~57 x 30 x 27.6mm
Weight: 9g
Wire length (including connectors): ~19.5cm / 7.6"
 
 
 
 
 
 
 
 
 
                                                https://www.adafruit.com/product/3905/2‐4‐19 



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com