| Moteur de recherche de fiches techniques de composants électroniques |
|
SCBU014 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCBU014 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() www.ti.com 3.6 Packing for Sawn Wafers CDwithWafermapFile BodLidFilFrameSHPR AssyOpenMark FFC8” StdDisco SawnWaferonFoil LabelonBox WaferBox BlueSilicaGel Anti-StaticMoistureBag FillWithBubbleFoam CartonBox LabelonCartonBox Packing for Sawn Wafers Packing in Multi Wafer Box Sawn wafers are mounted on foil and delivered on standard 8” disco wafer frame (see Figure 2-1 Wafer on FCC). A special plastic container is used to store up to 25 wafers in frames. This plastic container is packed in an antistatic moisture bag with silica gel and in a double layered carton box. Note: When the silica gel has changed the color to blue, it is an indication that moisture has entered the bag. Figure 3-6. Packing of Sawn Wafers (Multi) SCBU047 (11-09-21-064) – October 2007 Shipping, Packing and Further Handling 23 Submit Documentation Feedback |