Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JL04-28EBH-RK Fiches technique(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No de pièce JL04-28EBH-RK
Description  Circular connector, connector standard EN61984, Waterproof, Applicable shell size: 28 , Right angle End-bell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JAE [Japan Aviation Electronics Industry, Ltd.]
Site Internet  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL04-28EBH-RK Fiches technique(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JL04-28EBH-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL04-28EBH-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL04-28EBH-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shell Size
28
Contact Arrangement Code
  
Contact Size X No. of Contacts
  
Applicable Wire (Cross-
sectional Area of Conductor)
(mm2 max.)
  
Alternative Insert Position
(deg.)
  
Material of Contact
  
Finish of Contact in Connecting
Area
  
Outer Shell Color
  
Total Current Rating (A)
  
Contact Resistance (milliohm
max.)
  
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
  
Insulation Resistance
(megaohm min. )
  
Operating Temperature Range
(deg. C)
  
Applicable Accessory
  
Applicable Product Part
Numbers
JL04V-6A28-11PE*-R,JL04V-6A28-11SE*-R
Applicable Cable Diameter
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
  
Notice



Html Pages

1 2 3