| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG47004 Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47004 Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 302 page ![]() Datasheet 8-Sep-2022 CFR0011-120-00 Revision 3.0 39 of 301 © 2022 Renesas Electronics Corporation SLG47004 GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features 4 User Programmability The SLG47004 is a user programmable device with Multiple-Time-Programmable (MTP) memory elements that are able to configure the connection matrix and macrocells. A programming development kit allows the user the ability to create initial devices. Once the design is finalized, the programming code (.aap file) is forwarded to Renesas Electronics Corporation to integrate into a production process. Figure 2: Steps to Create a Custom GreenPAK Device Product Definition E-mail Product Idea, Definition, Drawing, or Schematic to greenpak@renesas.com Renesas Electronics Applications Engineers review design specifications with customer Samples, Design, and Characterization Report are sent to customer Customer verifies GreenPAK design Customer creates their own design in GreenPAK Designer Customer verifies GreenPAK in system design Custom GreenPAK part enters production GreenPAK Design approved GreenPAK Design approved in system test GreenPAK Design approved |