Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

770 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 770
Description  Waterproof 2xAA Battery Holder with On/Off Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

770 Fiches technique(HTML) 2 Page - Adafruit Industries

  770 Datasheet HTML 1Page - Adafruit Industries 770 Datasheet HTML 2Page - Adafruit Industries 770 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Keep your power source safe and toasty in these waterproof 2xAA battery holders.
They're just like classic switched battery holders, but designed for survival! The
case has a rubber gasket around the edge of the case (its black and hard to see in
the photos but it is there) and attaches together with 4 machine screws. What we
like about this design is that the hexnuts are captive in one side and you can
assemble/disassemble as many times as you need. There's a rubber-boot on-off
switch (press to turn on/off). Use with any alkaline or rechargeable batteries for
about 3V output.
As of January 31st, 2014 these can come either with the screwholes on the body of
the battery holder OR on the outside. Both work the same!
Would work great with our waterproof DC power plugs (just use heatshrink to
waterproof the solder connections)
We also have a 3xAA version when you need a little more power
11/12/2015
http://www.adafruit.com/product/770



Html Pages

1 2 3