| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0231 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0231 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() AD-ICD 4 Functional limitations and discrepancies 11/15 4 Functional limitations and discrepancies This section provides any lists in-circuit debugging limitations and discrepancies that are specific to the ICD adapter. For information about limitations and discrepancies that are specific to the target microcontroller or the in-circuit debugging tool, refer to the release notes for your integrated development environment or debugging software. 4.1 PA3/RESET pin use limitation When running the application in the in-circuit debugging mode or standalone mode, the RESET/PA3 pin of the target microcontroller can only be used for reset. PA3 is not available. |