| Moteur de recherche de fiches techniques de composants électroniques |
|
TS3431ILT Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS3431ILT Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() TS3431 Electrical characteristics 3/10 3 Electrical characteristics Table 3. Tamb = 25°C (unless otherwise specified) (1) Symbol Parameter Test conditions Min. Typ. Max. Unit VK Reference input voltage IK = 10mA TS3431 (2%) 1.215 1.24 1.265 V TS3431A (1%) 1.228 1.252 TS3431B (0.5%) 1.234 1.246 TS3431C (0.25%) 1.237 1.243 ΔVK Variation of reference input voltage over temperature 0°C < T < +70°C 10 mV -40°C < T < +105°C 18 -40°C < T < +125°C 21 TC Temperature coefficient -40°C < T < +125°C 100 ppm/°C IKmin Minimum operating current T = 25°C 0.35 0.4 mA -40°C < T < +125°C 0.5 Ratio of change in reference input voltage to change in cathode to anode voltage IK=10mA VK= 24 to 1.24V 1.2 1.5 mV/V -40°C < T < +125°C 2 IREF Reference input current IK=10mA, R1=10KΩ, R2=+ T= 25°C 0.9 1.5 µA -40°C < T < +125°C 2 ΔIREF Reference input current deviation IK=10mA, R1=10KΩ, R2=+ 0°C < T < +70°C 0.5 1 µA -40°C < T < +125°C 0.9 1.5 IOFF Off-state cathode current VK=24V T= 25°C 35 500 nA -40°C < T < +105°C 1000 -40°C < T < +125°C 2000 RKA Reverse static impedance IK = 1 to 100mA 0.2 0.4 W EN Wideband noise IK = 10mA 1kHz < f < 100kHz 100 nV/ √Hz 1. Limits are 100% production tested at 25°C. Behavior at the temperature range limits is guaranteed through correlation and by design. ΔVref ΔVka ---------------- ∞ |