| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBD301 Fiches technique(PDF) 2 Page - DAESAN ELECTRONIC CORP. |
|
|
|||||||||||||||||||||||||||||
MMBD301 Fiches technique(HTML) 2 Page - DAESAN ELECTRONIC CORP. |
|
2 / 2 page ![]() RATINGS AND CHARACTERISTIC CURVES MMBD301 F=1.0MHz 0 3.0 6.0 9.0 12 15 18 21 24 27 30 2.8 2.4 2.0 1.6 1.2 0.8 0 0.4 V ,Reverse Voltage(V) R Figure 1 .Total Capacitance 0 10 20 30 40 50 60 70 80 90 100 500 400 300 200 100 0 I Figure 2 . Minority Carrier Lifetime Forward Current (mA) F 0 6.0 12 18 24 30 10 0.001 0.01 0.1 1.0 V Reverse Voltage(V) R Figure 3 .Reverse Leakage o T =100 C A o T =75 C A o T =25 C A o T =85 C A o T = -40 C A o T =25 C A 0.2 0.4 0.6 0.8 1.0 1.2 100 10 1.0 0.1 V Forward Voltage (V) F Figure 4 .Forward Voltage |