Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT46J Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BAT46J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46J Fiches technique(HTML) 4 Page - STMicroelectronics

  BAT46J Datasheet HTML 1Page - STMicroelectronics BAT46J Datasheet HTML 2Page - STMicroelectronics BAT46J Datasheet HTML 3Page - STMicroelectronics BAT46J Datasheet HTML 4Page - STMicroelectronics BAT46J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 5: Capacitance C versus reverse applied volt-
age VR (typical values).
PACKAGE MECHANICAL DATA
SOT-323
E
c
L
H
b
D
A
A1
e
θ
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
0.8
1.1
0.031
0.043
A1
0.0
0.1
0.0
0.004
b
0.25
0.4
0.010
0.016
c
0.1
0.26 0.004
0.010
D
1.8
2.0
2.2
0.071 0.079 0.086
E
1.15
1.25
1.35 0.045 0.049 0.053
e
0.65
0.026
H
1.8
2.1
2.4
0.071 0.083 0.094
L
0.1
0.2
0.3
0.004 0.008 0.012
θ
030
°
030
°
BAT46J / BAT46W / BAT46AW / BAT46CW / BAT46SW
4/5



Html Pages

1 2 3 4 5