| Moteur de recherche de fiches techniques de composants électroniques |
|
SLAS787A Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS787A Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() XIN/P2.6/TA0.1 1 0 XOUT/P2.7 LF off LFXT1CLK PxSEL.6 PxSEL.7 BCSCTL3.LFXT1Sx = 11 To Module from Module PxOUT.y DV SS DV CC 1 Bus Keeper EN 1 0 PxIN.y PxSEL.6 PxREN.y 1 0 PxIRQ.y PxIE.y EN Set Q Interrupt Edge Select PxSEL.y PxIES.y PxIFG.y Direction 0: Input 1: Output PxDIR.y PxSEL.6 0 1 MSP430G2231-Q1 www.ti.com SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014 10.7 Port P2 Pin Schematic: P2.6, Input/Output With Schmitt Trigger Table 19. Port P2 (P2.6) Pin Functions CONTROL BITS OR SIGNALS PIN NAME (P2.x) x FUNCTION P2DIR.x P2SEL.6 P2SEL.7 XIN XIN 0 1 1 P2.6 6 P2.x (I/O) I: 0; O: 1 0 X TA0.1 TA0.1(1) 1 1 X (1) BCSCTL3.LFXT1Sx = 11 is required. Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Links: MSP430G2231-Q1 |