| Moteur de recherche de fiches techniques de composants électroniques |
|
HMC322LP4 Fiches technique(PDF) 2 Page - Hittite Microwave Corporation |
|
|
|||||||||||||||||||||||||||||
HMC322LP4 Fiches technique(HTML) 2 Page - Hittite Microwave Corporation |
|
2 / 6 page ![]() 8 8 - 167 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Input Third Order Intercept Point Return Loss 0.1 and 1 dB Input Compression Point Insertion Loss vs. Temperature Isolation HMC322LP4 / 322LP4E GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz v05.1205 -5 -4 -3 -2 -1 0 01 23 456 7 8 9 +25 C -40 C +85 C FREQUENCY (GHz) 30 35 40 45 50 1 234 567 8 FREQUENCY (GHz) 10 15 20 25 30 01234567 8 0.1dB Compression Point 1dB Compression Point FREQUENCY (GHz) -25 -20 -15 -10 -5 0 01 23 456 7 8 9 RFC RF1-8 ON RF1-8 OFF FREQUENCY (GHz) -70 -60 -50 -40 -30 -20 -10 0 01 23 456 7 8 9 RF1 RF2 RF3 RF4 RF5 RF6 RF7 RF8 FREQUENCY (GHz) |