Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP5904TMX-1.2/NOPB Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LP5904TMX-1.2/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904TMX-1.2/NOPB Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LP5904TMX-1.2/NOPB Datasheet HTML 2Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 3Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 9Page - Texas Instruments LP5904TMX-1.2/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
3.5
4.0
4.5
5.0
5.5
2.740
2.760
2.780
2.800
2.820
2.840
VIN(V)
50 A
500 A
1mA
10 mA
100 mA
200 mA
SVA
0
50
100
150
200
2.740
2.760
2.780
2.800
2.820
2.840
IOUT(mA)
VIN = 3.8V
VIN = 5.0V
VIN = 5.5V
0
50
100
150
LOAD CURRENT (mA)
-1.000%
100
oC
200
-0.5000%
0.000%
0.500%
1.000%
-40
oC
25
oC
85
oC
SVA-30110403
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
IOUT(mA)
VIN = 3.0V
VIN = 3.8V
VIN = 4.2V
VIN = 5.5V
SV
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
0
5
10
15
20
25
30
35
40
45
50
VIN(V)
Dropout Region
SVA-30110460
0
50
100
150
200
250
0
50
100
150
200
250
IOUT(mA)
-40°C
25°C
85°C
125°C
SVA
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
Iq
Ground Current
vs
vs
VIN
IOUT
Figure 2.
Figure 3.
Ground Current
VOUT Variation
vs
vs
IOUT
IOUT
Figure 4.
Figure 5.
VOUT
VOUT
vs
vs
VIN
IOUT
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com