Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L412C8 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STM32L412C8
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STM32L412C8 Datasheet HTML 53Page - STMicroelectronics STM32L412C8 Datasheet HTML 54Page - STMicroelectronics STM32L412C8 Datasheet HTML 55Page - STMicroelectronics STM32L412C8 Datasheet HTML 56Page - STMicroelectronics STM32L412C8 Datasheet HTML 57Page - STMicroelectronics STM32L412C8 Datasheet HTML 58Page - STMicroelectronics STM32L412C8 Datasheet HTML 59Page - STMicroelectronics STM32L412C8 Datasheet HTML 60Page - STMicroelectronics STM32L412C8 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
12
12
D3
16
16
22
22
G4
PA6
I/O
FT_a
TIM1_BKIN, SPI1_MISO,
COMP1_OUT, USART3_CTS,
LPUART1_CTS, QUADSPI_BK1_IO3,
TIM16_CH1, EVENTOUT
ADC12_IN11
13
13
E3
17
17
23
23
H4
PA7
I/O
FT_fa
TIM1_CH1N, I2C3_SCL, SPI1_MOSI,
QUADSPI_BK1_IO2, EVENTOUT
ADC12_IN12
-
-
-
-
-
24
24
H5
PC4
I/O
FT_a
USART3_TX, EVENTOUT
COMP1_INM, ADC12_IN13
-
-
-
-
-
-
25
H6
PC5
I/O
FT_a
USART3_RX, EVENTOUT
COMP1_INP, ADC12_IN14,
WKUP5
14
14
F3
18
18
25
26
F5
PB0
I/O
FT_a
TRACED0, TIM1_CH2N, SPI1_NSS,
USART3_CK, QUADSPI_BK1_IO1,
COMP1_OUT, EVENTOUT
ADC12_IN15
15
15
D2
19
19
26
27
G5
PB1
I/O
FT_a
TRACED1, TIM1_CH3N,
USART3_RTS_DE,
LPUART1_RTS_DE,
QUADSPI_BK1_IO0, LPTIM2_IN1,
EVENTOUT
COMP1_INM, ADC12_IN16
-
-
E2
20
20
27
28
G6
PB2
I/O
FT_a
LPTIM1_OUT, I2C3_SMBA,
EVENTOUT
COMP1_INP, RTC_OUT2
-
-
F2
21
21
28
29
G7
PB10
I/O
FT_f
TIM2_CH3, I2C2_SCL, SPI2_SCK,
USART3_TX, LPUART1_RX,
TSC_SYNC, QUADSPI_CLK,
COMP1_OUT, EVENTOUT
-
-
-
-
222229
30
H7
PB11
I/O
FT_f
TIM2_CH4, I2C2_SDA, USART3_RX,
LPUART1_TX, QUADSPI_BK1_NCS,
EVENTOUT
-
-
---
-
30
-
-
VDD12
S
-
-
-
-
Table 14. STM32L412xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More