Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1119005 Fiches technique(PDF) 3 Page - Lapp.

No de pièce 1119005
Description  ÖLFLEX® CLASSIC 110
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

1119005 Fiches technique(HTML) 3 Page - Lapp.

  1119005 Datasheet HTML 1Page - Lapp. 1119005 Datasheet HTML 2Page - Lapp. 1119005 Datasheet HTML 3Page - Lapp. 1119005 Datasheet HTML 4Page - Lapp. 1119005 Datasheet HTML 5Page - Lapp. 1119005 Datasheet HTML 6Page - Lapp. 1119005 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index (kg/km)
Weight (kg/km)
ÖLFLEX® CLASSIC 110
1119752
2 X 0.5
4.8
9.6
35
1119003
3 G 0.5
5.1
14.4
42
1119753
3 X 0.5
5.1
14.4
42
1119004
4 G 0.5
5.7
19.2
54
1119754
4 X 0.5
5.7
19.2
54
1119005
5 G 0.5
6.2
24
63
1119755
5 X 0.5
6.2
24
63
1119007
7 G 0.5
6.7
33.6
81
1119757
7 X 0.5
6.7
33.6
81
1119010
10 G 0.5
8.6
48
116
1119012
12 G 0.5
8.9
58
131
1119014
14 G 0.5
9.5
67
153
1119018
18 G 0.5
10.5
86.4
188
1119021
21 G 0.5
11.7
101
221
1119025
25 G 0.5
12.4
120
261
1119030
30 G 0.5
13.3
144
304
1119035
35 G 0.5
14.5
168
356
1119040
40 G 0.5
15.4
192
400
1119052
52 G 0.5
17.3
250
517
1119061
61 G 0.5
18.5
293
603
1119065
65 G 0.5
19.6
312
644
1119080
80 G 0.5
21.1
384
780
1119100
100 G 0.5
23.6
480
975
1119802
2 X 0.75
5.4
14.4
45
1119103
3 G 0.75
5.7
21.6
55
1119803
3 X 0.75
5.7
21.6
55
1119104
4 G 0.75
6.2
28.8
66
1119804
4 X 0.75
6.2
28.8
66
1119105
5 G 0.75
6.7
36
79
1119805
5 X 0.75
6.7
36
79
1119107
7 G 0.75
7.3
50
101
1119807
7 X 0.75
7.3
50
101
1119109
9 G 0.75
9.4
65
137



Html Pages

1 2 3 4 5 6 7