| Moteur de recherche de fiches techniques de composants électroniques |
|
8613 Fiches technique(PDF) 1 Page - Keystone Electronics Corp. |
|
|
|||||||||||||||||||||||||||||
8613 Fiches technique(HTML) 1 Page - Keystone Electronics Corp. |
|
|
1 / 1 page ![]() 128 Tel (718) 956-8900 • Fax (718) 956-9040 (800) 221-5510 • kec@keyelco.com www.keyelco.com 31-07 20th Road – Astoria, NY 11105-2017 RoHS COMPLIANT ~ ISO 9001 CERTIFIED ® NYLON HOLE PLUGS STEEL HOLE PLUGS Closes unused chassis holes quickly and economically. Plugs are abrasion and vibration resistant. MATERIAL: Nylon 6/6, Matte Finish, Black .125 [3.2] .093 [2.36] .062 [1.57] .032 [0.81] .062 [1.57] C B CAT. HOLE PANEL NO. DIAMETER THICKNESS B C 8600 .250 (6.4) .062 (1.57) .312 (7.9) .312 (7.9) 8601 .312 (7.9) .062 (1.57) .375 (9.5) .312 (7.9) 8602 .375 (9.5) .125 (3.2) .468 (11.9) .406 (10.3) 8603 .500 (12.7) .125 (3.2) .578 (14.7) .406 (10.3) 8604 .625 (15.9) .125 (3.2) .734 (18.6) .406 (10.3) 8605 .750 (19.1) .125 (3.2) .921 (23.4) .406 (10.3) 8606 .875 (22.2) .125 (3.2) 1.015 (25.8) .453 (11.5) 8607 1.000 (25.4) .125 (3.2) 1.203 (30.6) .453 (11.5) 8608 1.125 (28.6) .125 (3.2) 1.218 (30.9) .453 (11.5) 8609 1.250 (31.8) .125 (3.2) 1.375 (34.9) .453 (11.5) 8610 1.375 (34.9) .125 (3.2) 1.500 (38.1) .453 (11.5) 8611 1.500 (38.1) .125 (3.2) 1.671 (42.4) .453 (11.5) Excellent spring retention. Plugs will cover chassis holes, wiring outlets, access holes or unused openings. MATERIAL: Steel, Nickel Plate A B C CAT. HOLE PANEL NO. DIAMETER THICKNESS A B C PRONGS 7600 .250 (6.4) .031-.062 (.81-1.57) .406 (10.3) .234 (5.9) .062 (1.57) 6 7601 .312 (7.9) .047-.078 (1.19-1.98) .437 (11.1) .250 (6.4). 062 (1.57) 6 7602 .375 (9.5) .047-.062 (1.19-1.57) .500 (12.7) .234 (5.9) .062 (1.57) 6 7603 .500 (12.7) .031-.062 (.81-1.57) .656 (16.7) .281 (7.1) .078 (1.98) 8 7604 .625 (15.9) .062-.093 (1.57-2.36) .812 (20.6) .296 (7.5) .078 (1.98) 8 7605 .750 (19.1) .062-.093 (1.5 -2.36) .921 (23.4) .296 (7.5) .078 (1.98) 12 7606 .875 (22.2) .062-.093 (1.57-2.36) 1.062 (27.0) .296 (7.5) .062 (1.57) 12 7607 1.000 (25.4) .062-.156 (1.57-3.9) 1.140 (29.0) .328 (8.3) .093 (2.36) 12 7608 1.125 (28.6) .031-.125 (.79-3.2) 1.312 (33.3) .343 (8.7) .093 (2.36) 12 7609 1.250 (31.8) .062-.093 (1.57-2.36) 1.437 (36.5) .343 (8.7) .093 (2.36) 12 7610 1.375 (34.9) .031-.125 (.79-3.2) 1.562 (39.7) .406 (10.3) .078 (1.98) 12 7611 1.500 (38.1) .031-.062 (.79-1.57) 1.640 (41.7) .406 (10.3) .093 (2.36) 12 B C .062 [1.57] .032 [0.81] .062 [1.57] .093 [2.36] .125 [3.2] NYLON VENT PLUGS MATERIAL: Nylon 6/6, Matte Finish, Black Used to cover chassis holes while allowing air flow for ventilation. •Snaps into .032 (.81) to .125 (3.2) thick panels. CAT. HOLE NO. DIAMETER B C 8612 .875 (22.2) 1.015 (25.8) .453 (11.5) 8613 1.000 (25.4) 1.218 (30.9) .453 (11.5) Designed to be assembled into holes that already contain wire or cable. Versatile bushing can be used on all chassis from .032 (.81) to .125 (3.2). NYLON SPLIT BUSHINGS B A .406 [10.3] .062 [1.57] .032 [0.81] .062 [1.57] .093 [2.36] .125 [3.2] MATERIAL: Nylon 6/6, Black MATERIAL: Nylon 6/6, Black HOLE A B CAT. SIZE INSIDE HEAD NO. REQUIRED DIAMETER DIAMETER 8490 .375 (9.5) .265 (6.7) .421 (10.7) 8491 .500 (12.7) .312 (7.9) .562 (14.3) 8492 .562 (14.3) .390 (9.9) .640 (16.3) 8493 .625 (15.9) .453 (11.5) .687 (17.4) 8494 .750 (19.1) .546 (13.9) .796 (20.2) 8495 .875 (22.2) .671 (17.0) .921 (23.4) 8496 1.000 (25.4) .796 (20.2) 1.062 (27.0) NYLON INSULATING BUSHINGS Snaps into panel hole to provide protection for wire, cable and tubing from sharp uneven edges. HOLE MAXIMUM A B C CAT. SIZE CHASSIS INSIDE HEAD OVERALL NO. REQUIRED THICKNESS DIAMETER DIAMETER HEIGHT 8470 .250 (6.4) .062 (1.57) .125 (3.2) .312 (7.9) .312 (7.9) 8471 .312 (7.9) .062 (1.57) .187 (4.7) .375 (9.5) .312 (7.9) 8472 .375 (9.5) .125 (3.2) .250 (6.4) .468 (11.9) .406 (10.3) 8473 .437 (11.1) .125 (3.2) .312 (7.9) .531 (13.5) .406 (10.3) 8474 .500 (12.7) .125 (3.2) .375 (9.5) .578 (14.7) .406 (10.3) 8475 .562 (14.3) .125 (3.2) .437 (11.1) .656 (16.7) .406 (10.3) 8476 .625 (15.9) .125 (3.2) .500 (12.7) .718 (18.2) .406 (10.3) 8477 .750 (19.1) .125 (3.2) .562 (14.3) .843 (21.4) .406 (10.3) 8478 .875 (22.2) .125 (3.2) .625 (15.9) .953 (24.2) .453 (11.5) 8479 1.000 (25.4) .125 (3.2) .750 (19.1) 1.125 (28.6) .453 (11.5) 8480 1.187 (30.1) .125 (3.2) .937 (23.8) 1.312 (33.3) .453 (11.5) 8481 1.250 (31.8) .125 (3.2) .937 (23.8) 1.359 (34.5) .453 (11.5) 8482 1.375 (34.9) .125 (3.2) 1.000 (25.4) 1.468 (37.3) .453 (11.5) 8483 1.500 (38.1) .125 (3.2) 1.062 (27.0) 1.609 (40.9) .453 (11.5) 8484 1.750 (44.5) .125 (3.2) 1.375 (34.9) 1.875 (47.6) .453 (11.5) 8485 2.000 (50.8) .125 (3.2) 1.625 (41.3) 2.125 (54.0) .453 (11.5) 8486 2.500 (63.5) .250 (6.4) 1.968 (50.0) 2.656 (67.5) .718 (18.2) .125 [3.2] .093 [2.36] .062 [1.57] .032 [0.81] .062 [1.57] C A B M60Section8FREV1B1_11-2011 4/4/13 5:45PM Page128 |
Numéro de pièce similaire - 8613 |
|
Description similaire - 8613 |