Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM7332MA/NOPB Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Fiches technique(HTML) 30 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 26Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 27Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 28Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 29Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 30Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 31Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 32Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 33Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
21-Feb-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM7332MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM7332MAX/NOPB
SOIC
D
8
2500
353.0
353.0
32.0
LM7332MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LM7332MMX/NOPB
VSSOP
DGK
8
3500
366.0
364.0
50.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37