| Moteur de recherche de fiches techniques de composants électroniques |
|
LM5008ASDX/NOPB Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5008ASDX/NOPB Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 32 page ![]() 20 LM5008A SNVS583H – MARCH 2009 – REVISED OCTOBER 2018 www.ti.com Product Folder Links: LM5008A Submit Documentation Feedback Copyright © 2009–2018, Texas Instruments Incorporated 11 Device and Documentation Support 11.1 Device Support 11.1.1 Third-Party Products Disclaimer TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE. 11.1.2 Custom Design With WEBENCH® Tools Click here to create a custom design using the LM5008A device with the WEBENCH® Power Designer. 1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements. 2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial. 3. Compare the generated design with other possible solutions from Texas Instruments. The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time pricing and component availability. In most cases, these actions are available: • Run electrical simulations to see important waveforms and circuit performance • Run thermal simulations to understand board thermal performance • Export customized schematic and layout into popular CAD formats • Print PDF reports for the design, and share the design with colleagues Get more information about WEBENCH tools at www.ti.com/WEBENCH. 11.1.3 Development Support For development support see the following: • For TI's reference design library, visit TI Designs • For TI's WEBENCH Design Environments, visit WEBENCH® Design Center • For selecting components in LM5008A applications, see the LM5008A Quick-Start Calculator 11.2 Documentation Support 11.2.1 Related Documentation For related documentation see the following: • LM5008 Quick-start Calculator • AN-1925 LM5008A Evaluation Board (SNVA380) • AN-1330 LM5008 Evaluation Board (SNVA090) • Buck Regulator Topologies for Wide Input/Output Voltage Differentials (SNVA594) • White Papers: – Valuing Wide VIN, Low EMI Synchronous Buck Circuits for Cost-driven, Demanding Applications – An Overview of Conducted EMI Specifications for Power Supplies – An Overview of Radiated EMI Specifications for Power Supplies 11.2.1.1 PCB Layout Resources • AN-1149 Layout Guidelines for Switching Power Supplies (SNVA021) • AN-1229 Simple Switcher PCB Layout Guidelines (SNVA054) • Constructing Your Power Supply – Layout Considerations (SLUP230) • Low Radiated EMI Layout Made SIMPLE with LM4360x and LM4600x (SNVA721) • AN-2162 Simple Success With Conducted EMI From DC-DC Converters (SNVA489) • Reduce Buck-Converter EMI and Voltage Stress by Minimizing Inductive Parasitics (SLYT682) |