| Moteur de recherche de fiches techniques de composants électroniques |
|
LM4947TLEVAL Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM4947TLEVAL Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 36 page ![]() LM4947, LM4947TLEVAL SNAS349D – JUNE 2006 – REVISED MAY 2013 www.ti.com PIN DESCRIPTIONS Bump Name Description A1 RIN2 Right Input Channel 2 or Right Differential Input – A2 LIN1 Left Input Channel 1 or Left Differential Input + A3 MIN+ Mono Channel Non-inverting Input A4 RHP3D1 Right Headphone 3D Input 1 A5 RHP3D2 Right Headphone 3D Input 2 B1 RIN1 Right Input Channel 1 or Right Differential Input + B2 LIN2 Left Input Channel 2 or Left Differential Input– B3 MIN- Mono Channel Inverting Input B4 LHP3D1 Left Headphone 3D Input 2 B5 LHP3D2 Left Headphone 3D Input 1 C1 ADDR Address Identification C2 SDA Serial Data Input C3 SCL Serial Clock Input C4 CBYPASS Half-Supply Bypass Capacitor C5 VOC Headphone return bias output D1 AVDD Analog Power Supply D2 LSVDD Loudspeaker Power Supply D3 I2CVDD I2C Interface Power Supply D4 AVDD Analog Power Supply D5 RHP Right Headphone Output E1 LS- Loudspeaker Output Negative E2 GND Ground E3 LS+ Loudspeaker Output Positive E4 GND Ground E5 LHP Left Headphone Output These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 4 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LM4947 LM4947TLEVAL |