Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4916 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM4916
Description  LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM4916 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 4Page - Texas Instruments LM4916 Datasheet HTML 5Page - Texas Instruments LM4916 Datasheet HTML 6Page - Texas Instruments LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments LM4916 Datasheet HTML 11Page - Texas Instruments LM4916 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
20
50 100 200
FREQUENCY (Hz)
-12
-8
-6
-4
-2
0
+2
+4
+6
+8
+10
-10
-14
1k
500
2k
20k
10k
5k
0.47 PF
0.1 PF
0.33 PF
1.0 PF
20
500
2k
-85
-75
-65
-55
-45
-30
-20
-10
0
-60
-50
-40
-35
-25
-15
-5
50
-100
-95
-80
-70
-90
100
50k
20k
10k
5k
200
1k
100k
FREQUENCY (Hz)
20
500
2k
-85
-75
-65
-55
-45
-30
-20
-10
0
-60
-50
-40
-35
-25
-15
-5
50
-100
-95
-80
-70
-90
100
50k
20k
10k
5k
200
1k
100k
FREQUENCY (Hz)
20
100
1k
10k
100k
FREQUENCY (Hz)
-80
-75
-65
-50
-35
-15
0
-55
-60
-45
-40
-30
-25
-20
-10
-5
-70
-100
-95
-90
-85
2k
200
50
5k
20k 50k
500
LM4916
SNAS179E – MAY 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Supply Rejection Ratio
Power Supply Rejection Ratio
VDD = 1.5V, VRIPPLE = 200mVPP
VDD = 1.2V, VRIPPLE = 200mVPP
RL = 8Ω, BTL
RL = 16Ω, Single Ended Output
Input Terminated into 10
Input Terminated into 10
Figure 24.
Figure 25.
Power Supply Rejection Ratio
Frequency Response
VDD = 1.2V, VRIPPLE = 200mVPP
vs Input Capacitor Size
RL = 8Ω, BTL
VDD = 1.5V, RL = 16Ω
Input Terminated into 10
AV = -1, BW < 80kHz, Single Ended Output
Figure 26.
Figure 27.
Frequency Response
vs Input Capacitor Size
VDD = 1.5V, RL = 8Ω
Open Loop Frequency Response
AV = -1, BW < 80kHz, BTL Output
VDD = 1.5V, No load
Figure 28.
Figure 29.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com