Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM83135-050 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AM83135-050
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-050 Fiches technique(HTML) 5 Page - STMicroelectronics

  AM83135-050 Datasheet HTML 1Page - STMicroelectronics AM83135-050 Datasheet HTML 2Page - STMicroelectronics AM83135-050 Datasheet HTML 3Page - STMicroelectronics AM83135-050 Datasheet HTML 4Page - STMicroelectronics AM83135-050 Datasheet HTML 5Page - STMicroelectronics AM83135-050 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
All dimensions are in mils.
Substrate material: 25 mil thick Al2O3 (Er = 9.6)
C - 0.3 to 1.2 pF Johanson Gigatrim
L - 1 Turn #26 wire .80 I.D.
TEST CIRCUIT
AM83135-050
5/6



Html Pages

1 2 3 4 5 6