Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXPPVC12RAM04DCL030PVC Fiches technique(PDF) 11 Page - Bulgin Limited. All rights reserved.

No de pièce PXPPVC12RAM04DCL030PVC
Description  M12 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Site Internet  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12RAM04DCL030PVC Fiches technique(HTML) 11 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12RAM04DCL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12RAM04DCL030PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BUCCANEER
M12 Series
M12 Right Angled Male
PXPTPU12RAM
Part Number
Poles
Code
Termination
Lead Length
Cable Material
PXPPVC12RAM03ACL010PVC
03
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAM03ACL010PUR
03
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAM03ACL020PVC
03
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAM03ACL020PUR
03
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAM03ACL030PVC
03
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAM03ACL030PUR
03
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAM03ACL050PVC
03
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAM03ACL050PUR
03
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAM03ACL100PVC
03
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAM03ACL100PUR
03
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAM03ACL150PVC
03
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAM03ACL150PUR
03
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAM04ACL010PVC
04
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAM04ACL010PUR
04
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAM04ACL020PVC
04
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAM04ACL020PUR
04
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAM04ACL030PVC
04
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAM04ACL030PUR
04
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAM04ACL050PVC
04
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAM04ACL050PUR
04
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAM04ACL100PVC
04
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAM04ACL100PUR
04
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAM04ACL150PVC
04
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAM04ACL150PUR
04
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAM05ACL010PVC
05
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAM05ACL010PUR
05
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAM05ACL020PVC
05
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAM05ACL020PUR
05
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAM05ACL030PVC
05
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAM05ACL030PUR
05
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAM05ACL050PVC
05
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAM05ACL050PUR
05
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAM05ACL100PVC
05
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAM05ACL100PUR
05
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAM05ACL150PVC
05
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAM05ACL150PUR
05
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAM08ACL010PVC
08
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAM08ACL010PUR
08
A
Overmold Cable
1 M Lead Length
PUR
○ 3, 4, 5, 8 and 12 poles
○ 1,2,3,5,10 & 15M cable options
○ Overmold Flex Inline Body
PXPPVC12RAM
○ Mates with Flex Body & panel
mount connectors
M12 Buccaneer
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16