| Moteur de recherche de fiches techniques de composants électroniques |
|
PXPPVC12RAM05BCL030PVC Fiches technique(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM05BCL030PVC Fiches technique(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 16 page ![]() M12 connectors are established as one of the most reliable and efficient connection standards for Industrial Machinery and Factory Automation applications. With a small footprint, extremely low failure rate and high performance capabilities, this range is ideal not only for sensor connections but also for a variety of fieldbus systems. These M12 Series circular connectors are rugged, easy to use and extremely reliable solutions for sensor/actuator connectivity in industrial automation and control applications. With an IP67 rating, they are also extremely effective in harsh environments outside of industrial automation applications where compact and dependable connections with environmental protection are required. Bulgin’s field attachable M12 connectors feature a robust aluminium coupling nut, making them a lightweight and durable alternative to the more common nickel-plated M12 nut variants and an ideal plug and play solution for upgrading sensor systems with M12 connectivity. A-Coding BUCCANEER M12 Series M12 Buccaneer Bulgin’s M12 Series connectors are available in a variety of industry standard keying/coding options to further minimize wiring errors and serve a large variety of customer needs. M12 Series coding options: For industrial Ethernets and PROFINET Primarily for general sensor-actuator connections For fieldbus and signal connections (PROFIBUS & INTERBUS systems) B-Coding D-Coding |