Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXPPVC12FBF12ACL030PVC Fiches technique(PDF) 7 Page - Bulgin Limited. All rights reserved.

No de pièce PXPPVC12FBF12ACL030PVC
Description  M12 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Site Internet  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FBF12ACL030PVC Fiches technique(HTML) 7 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FBF12ACL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FBF12ACL030PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BUCCANEER
M12 Series
M12 Right Angled Female
PXPTPU12RAF
Part Number
Poles
Code
Termination
Lead Length
Cable Material
PXPPVC12RAF03ACL010PVC
03
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAF03ACL010PUR
03
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAF03ACL020PVC
03
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAF03ACL020PUR
03
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAF03ACL030PVC
03
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAF03ACL030PUR
03
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAF03ACL050PVC
03
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAF03ACL050PUR
03
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAF03ACL100PVC
03
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAF03ACL100PUR
03
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAF03ACL150PVC
03
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAF03ACL150PUR
03
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAF04ACL010PVC
04
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAF04ACL010PUR
04
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAF04ACL020PVC
04
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAF04ACL020PUR
04
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAF04ACL030PVC
04
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAF04ACL030PUR
04
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAF04ACL050PVC
04
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAF04ACL050PUR
04
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAF04ACL100PVC
04
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAF04ACL100PUR
04
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAF04ACL150PVC
04
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAF04ACL150PUR
04
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAF05ACL010PVC
05
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAF05ACL010PUR
05
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAF05ACL020PVC
05
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU12RAF05ACL020PUR
05
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC12RAF05ACL030PVC
05
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU12RAF05ACL030PUR
05
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC12RAF05ACL050PVC
05
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU12RAF05ACL050PUR
05
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC12RAF05ACL100PVC
05
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU12RAF05ACL100PUR
05
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC12RAF05ACL150PVC
05
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU12RAF05ACL150PUR
05
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC12RAF08ACL010PVC
08
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU12RAF08ACL010PUR
08
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC12RAF
○ Mates with Flex Inline Body &
panel mount connectors
○ 3, 4, 5, 8 and 12 poles
○ 1,2,3,5,10 & 15M cable options
○ Overmold Flex Body
M12 Buccaneer
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16