| Moteur de recherche de fiches techniques de composants électroniques |
|
LM810 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM810 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 20 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 1-May-2024 TAPE AND REEL BOX DIMENSIONS Width (mm) H *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM809M3-2.63/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM809M3-2.93/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM809M3-3.08/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM809M3-4.38/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM809M3-4.63/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM809M3X-2.63/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 LM809M3X-2.93/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 LM809M3X-3.08/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 LM809M3X-4.38/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 LM809M3X-4.63/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 LM810M3-4.63/NOPB SOT-23 DBZ 3 1000 208.0 191.0 35.0 LM810M3X-4.63/NOPB SOT-23 DBZ 3 3000 208.0 191.0 35.0 Pack Materials-Page 2 |