Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXPPVC08RAM05BCL050PVC Fiches technique(PDF) 7 Page - Bulgin Limited. All rights reserved.

No de pièce PXPPVC08RAM05BCL050PVC
Description  M8 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Site Internet  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08RAM05BCL050PVC Fiches technique(HTML) 7 Page - Bulgin Limited. All rights reserved.

  PXPPVC08RAM05BCL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08RAM05BCL050PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BUCCANEER
M8 Series
M8 Flex Body Female
PXPTPU08FBF
Part Number
Poles
Code
Termination
Lead Length
Cable Material
PXPPVC08FBF03ACL010PVC
03
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU08FBF03ACL010PUR
03
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC08FBF03ACL020PVC
03
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU08FBF03ACL020PUR
03
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC08FBF03ACL030PVC
03
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU08FBF03ACL030PUR
03
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC08FBF03ACL050PVC
03
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU08FBF03ACL050PUR
03
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC08FBF03ACL100PVC
03
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU08FBF03ACL100PUR
03
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC08FBF03ACL150PVC
03
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU08FBF03ACL150PUR
03
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC08FBF04ACL010PVC
04
A
Overmold Cable
1 M Lead Length
PVC
PXPTPU08FBF04ACL010PUR
04
A
Overmold Cable
1 M Lead Length
PUR
PXPPVC08FBF04ACL020PVC
04
A
Overmold Cable
2 M Lead Length
PVC
PXPTPU08FBF04ACL020PUR
04
A
Overmold Cable
2 M Lead Length
PUR
PXPPVC08FBF04ACL030PVC
04
A
Overmold Cable
3 M Lead Length
PVC
PXPTPU08FBF04ACL030PUR
04
A
Overmold Cable
3 M Lead Length
PUR
PXPPVC08FBF04ACL050PVC
04
A
Overmold Cable
5 M Lead Length
PVC
PXPTPU08FBF04ACL050PUR
04
A
Overmold Cable
5 M Lead Length
PUR
PXPPVC08FBF04ACL100PVC
04
A
Overmold Cable
10 M Lead Length
PVC
PXPTPU08FBF04ACL100PUR
04
A
Overmold Cable
10 M Lead Length
PUR
PXPPVC08FBF04ACL150PVC
04
A
Overmold Cable
15 M Lead Length
PVC
PXPTPU08FBF04ACL150PUR
04
A
Overmold Cable
15 M Lead Length
PUR
PXPPVC08FBF05BCL010PVC
05
B
Overmold Cable
1 M Lead Length
PVC
PXPTPU08FBF05BCL010PUR
05
B
Overmold Cable
1 M Lead Length
PUR
PXPPVC08FBF05BCL020PVC
05
B
Overmold Cable
2 M Lead Length
PVC
PXPTPU08FBF05BCL020PUR
05
B
Overmold Cable
2 M Lead Length
PUR
PXPPVC08FBF05BCL030PVC
05
B
Overmold Cable
3 M Lead Length
PVC
PXPTPU08FBF05BCL030PUR
05
B
Overmold Cable
3 M Lead Length
PUR
PXPPVC08FBF05BCL050PVC
05
B
Overmold Cable
5 M Lead Length
PVC
PXPTPU08FBF05BCL050PUR
05
B
Overmold Cable
5 M Lead Length
PUR
PXPPVC08FBF05BCL100PVC
05
B
Overmold Cable
10 M Lead Length
PVC
PXPTPU08FBF05BCL100PUR
05
B
Overmold Cable
10 M Lead Length
PUR
PXPPVC08FBF05BCL150PVC
05
B
Overmold Cable
15 M Lead Length
PVC
PXPTPU08FBF05BCL150PUR
05
B
Overmold Cable
15 M Lead Length
PUR
○ Available in 3, 4 and 5 poles
○ 1,2,3,5,10 & 15M cable options
○ Overmold Flex Body
PXPPVC08FBF
○ Mates with Flex Inline Body &
panel mount connectors
M8 Buccaneer
6



Html Pages

1 2 3 4 5 6 7 8 9