| Moteur de recherche de fiches techniques de composants électroniques |
|
LM61 Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM61 Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM61BIM3 NRND Production SOT-23 (DBZ) | 3 1000 | LARGE T&R No Call TI Level-1-260C-UNLIM -25 to 85 T1B LM61BIM3.B NRND Production SOT-23 (DBZ) | 3 1000 | LARGE T&R No Call TI Level-1-260C-UNLIM -30 to 100 T1B LM61BIM3/NOPB Obsolete Production SOT-23 (DBZ) | 3 - - Call TI Call TI -25 to 85 T1B LM61BIM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 T1B LM61BIM3X/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -30 to 100 T1B LM61BIM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -30 to 100 T1B LM61BIZ/LFT3 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -25 to 85 LM61 BIZ LM61BIZ/LFT3.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -30 to 100 LM61 BIZ LM61BIZ/NOPB Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -25 to 85 LM61 BIZ LM61BIZ/NOPB.A Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -30 to 100 LM61 BIZ LM61BIZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -30 to 100 LM61 BIZ LM61CIM3 NRND Production SOT-23 (DBZ) | 3 1000 | LARGE T&R No Call TI Level-1-260C-UNLIM -30 to 100 T1C LM61CIM3.B NRND Production SOT-23 (DBZ) | 3 1000 | LARGE T&R No Call TI Level-1-260C-UNLIM -30 to 100 T1C LM61CIM3/NOPB Obsolete Production SOT-23 (DBZ) | 3 - - Call TI Call TI -30 to 100 T1C LM61CIM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -30 to 100 T1C LM61CIM3X/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -30 to 100 T1C LM61CIM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -30 to 100 T1C LM61CIZ/LFT2 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -30 to 100 LM61 CIZ LM61CIZ/LFT2.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -30 to 100 LM61 CIZ LM61CIZ/NOPB Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -30 to 100 LM61 CIZ LM61CIZ/NOPB.A Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -30 to 100 LM61 CIZ LM61CIZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | SMALL T&R Yes SN N/A for Pkg Type -30 to 100 LM61 CIZ Addendum-Page 1 |