| Moteur de recherche de fiches techniques de composants électroniques |
|
PXPPVC08RAM03ACL100PVC Fiches technique(PDF) 6 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM03ACL100PVC Fiches technique(HTML) 6 Page - Bulgin Limited. All rights reserved. |
|
6 / 9 page ![]() BUCCANEER M8 Series M8 Right Angled Male PXPTPU08RAM Part Number Poles Code Termination Lead Length Cable Material PXPPVC08RAM03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU08RAM03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC08RAM03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU08RAM03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC08RAM03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU08RAM03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC08RAM03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU08RAM03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC08RAM03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU08RAM03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC08RAM03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU08RAM03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC08RAM04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU08RAM04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC08RAM04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU08RAM04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC08RAM04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU08RAM04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC08RAM04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU08RAM04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC08RAM04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU08RAM04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC08RAM04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU08RAM04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC08RAM05BCL010PVC 05 B Overmold Cable 1 M Lead Length PVC PXPTPU08RAM05BCL010PUR 05 B Overmold Cable 1 M Lead Length PUR PXPPVC08RAM05BCL020PVC 05 B Overmold Cable 2 M Lead Length PVC PXPTPU08RAM05BCL020PUR 05 B Overmold Cable 2 M Lead Length PUR PXPPVC08RAM05BCL030PVC 05 B Overmold Cable 3 M Lead Length PVC PXPTPU08RAM05BCL030PUR 05 B Overmold Cable 3 M Lead Length PUR PXPPVC08RAM05BCL050PVC 05 B Overmold Cable 5 M Lead Length PVC PXPTPU08RAM05BCL050PUR 05 B Overmold Cable 5 M Lead Length PUR PXPPVC08RAM05BCL100PVC 05 B Overmold Cable 10 M Lead Length PVC PXPTPU08RAM05BCL100PUR 05 B Overmold Cable 10 M Lead Length PUR PXPPVC08RAM05BCL150PVC 05 B Overmold Cable 15 M Lead Length PVC PXPTPU08RAM05BCL150PUR 05 B Overmold Cable 15 M Lead Length PUR ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Inline Body PXPPVC08RAM ○ Mates with Flex Body & panel mount connectors ○ Available in 3, 4 and 5 poles M8 Buccaneer 5 |