| Moteur de recherche de fiches techniques de composants électroniques |
|
PXPPVC08RAM03ACL050PVC Fiches technique(PDF) 8 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM03ACL050PVC Fiches technique(HTML) 8 Page - Bulgin Limited. All rights reserved. |
|
8 / 9 page ![]() BUCCANEER M8 Series M8 Flex Inline Body Male PXPTPU08FIM Part Number Poles Code Termination Lead Length Cable Material PXPPVC08FIM03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU08FIM03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC08FIM03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU08FIM03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC08FIM03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU08FIM03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC08FIM03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU08FIM03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC08FIM03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU08FIM03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC08FIM03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU08FIM03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC08FIM04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU08FIM04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC08FIM04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU08FIM04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC08FIM04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU08FIM04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC08FIM04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU08FIM04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC08FIM04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU08FIM04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC08FIM04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU08FIM04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC08FIM05BCL010PVC 05 B Overmold Cable 1 M Lead Length PVC PXPTPU08FIM05BCL010PUR 05 B Overmold Cable 1 M Lead Length PUR PXPPVC08FIM05BCL020PVC 05 B Overmold Cable 2 M Lead Length PVC PXPTPU08FIM05BCL020PUR 05 B Overmold Cable 2 M Lead Length PUR PXPPVC08FIM05BCL030PVC 05 B Overmold Cable 3 M Lead Length PVC PXPTPU08FIM05BCL030PUR 05 B Overmold Cable 3 M Lead Length PUR PXPPVC08FIM05BCL050PVC 05 B Overmold Cable 5 M Lead Length PVC PXPTPU08FIM05BCL050PUR 05 B Overmold Cable 5 M Lead Length PUR PXPPVC08FIM05BCL100PVC 05 B Overmold Cable 10 M Lead Length PVC PXPTPU08FIM05BCL100PUR 05 B Overmold Cable 10 M Lead Length PUR PXPPVC08FIM05BCL150PVC 05 B Overmold Cable 15 M Lead Length PVC PXPTPU08FIM05BCL150PUR 05 B Overmold Cable 15 M Lead Length PUR PXPPVC08FIM ○ Mates with Flex Body & panel mount connectors ○ Available in 3, 4 and 5 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Inline Body M8 Buccaneer 7 |