| Moteur de recherche de fiches techniques de composants électroniques |
|
PXPPVC08RAM Fiches technique(PDF) 5 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM Fiches technique(HTML) 5 Page - Bulgin Limited. All rights reserved. |
|
5 / 9 page ![]() BUCCANEER M8 Series M8 Right Angled Female PXPTPU08RAF Part Number Poles Code Termination Lead Length Cable Material PXPPVC08RAF03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU08RAF03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC08RAF03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU08RAF03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC08RAF03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU08RAF03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC08RAF03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU08RAF03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC08RAF03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU08RAF03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC08RAF03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU08RAF03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC08RAF04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU08RAF04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC08RAF04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU08RAF04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC08RAF04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU08RAF04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC08RAF04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU08RAF04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC08RAF04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU08RAF04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC08RAF04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU08RAF04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC08RAF05BCL010PVC 05 B Overmold Cable 1 M Lead Length PVC PXPTPU08RAF05BCL010PUR 05 B Overmold Cable 1 M Lead Length PUR PXPPVC08RAF05BCL020PVC 05 B Overmold Cable 2 M Lead Length PVC PXPTPU08RAF05BCL020PUR 05 B Overmold Cable 2 M Lead Length PUR PXPPVC08RAF05BCL030PVC 05 B Overmold Cable 3 M Lead Length PVC PXPTPU08RAF05BCL030PUR 05 B Overmold Cable 3 M Lead Length PUR PXPPVC08RAF05BCL050PVC 05 B Overmold Cable 5 M Lead Length PVC PXPTPU08RAF05BCL050PUR 05 B Overmold Cable 5 M Lead Length PUR PXPPVC08RAF05BCL100PVC 05 B Overmold Cable 10 M Lead Length PVC PXPTPU08RAF05BCL100PUR 05 B Overmold Cable 10 M Lead Length PUR PXPPVC08RAF05BCL150PVC 05 B Overmold Cable 15 M Lead Length PVC PXPTPU08RAF05BCL150PUR 05 B Overmold Cable 15 M Lead Length PUR ○ Available in 3, 4 and 5 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Body PXPPVC08RAF ○ Mates with Flex Inline Body & panel mount connectors M8 Buccaneer 4 |