Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E32-R16 Fiches technique(PDF) 53 Page - Omron Electronics LLC

No de pièce E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Fiches technique(HTML) 53 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC E32-R16 Datasheet HTML 51Page - Omron Electronics LLC E32-R16 Datasheet HTML 52Page - Omron Electronics LLC E32-R16 Datasheet HTML 53Page - Omron Electronics LLC E32-R16 Datasheet HTML 54Page - Omron Electronics LLC E32-R16 Datasheet HTML 55Page - Omron Electronics LLC E32-R16 Datasheet HTML 56Page - Omron Electronics LLC E32-R16 Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
E3X
E3X
10
Liquid Level Fiber Units
E32-D82F1/E32-D82F2
(Liquid Contact Model)
E32-L25T (Pipe
Mounting Model)
6 dia. sensing head (Teflon)
9 dia. fiber connector
(nickel-plate brass)
Two, 2.2 dia. optical fiber
(see note 2)
To Amplifier
Bending-prohibited length:
150 (350) (see note 1)
Two, 3.2 dia.
lens (PC)
Optical axis
Two, 1 dia. optical fiber
Two, fiber attachment
Mounting hole
Sensing head
(PC)
Note:
1. The value in the parentheses is for the E32-D82F2.
2. Since the 2-m optical fiber on the Amplifier side is made of
plastic, the fiber is trimmable.
2,000 (standard length)
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64