| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2575 Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2575 Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 20 page ![]() Ground 14 13 15 12 11 10 9 1 2 3 4 5 6 7 8 16 C2 VOUT C1 NC OUTPUT NC GND NC FEEDBACK NC NC NC GND GND NC NC ON/OFF NC VIN R1 R2 LM2575 www.ti.com SLVS569F – JANUARY 2005 – REVISED AUGUST 2015 10 Layout 10.1 Layout Guidelines With any switching regulator, circuit layout plays an important role in circuit performance. Wiring and parasitic inductances, as well as stray capacitances, are subjected to rapidly switching currents, which can result in unwanted voltage transients. To minimize inductance and ground loops, the length of the leads indicated by heavy lines (see Figure 16) must be minimized. Optimal results can be achieved by single-point grounding or by ground-plane construction. For the same reasons, the two programming resistors used in the adjustable version must be located as close as possible to the regulator to keep the sensitive feedback wiring short. Figure 16. Test Circuit and Layout Guidelines 10.2 Layout Example The large ground copper area helps heat transfer especially when many vias to ground plane are used. Figure 17. Layout Diagram Copyright © 2005–2015, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Links: LM2575 |