| Moteur de recherche de fiches techniques de composants électroniques |
|
PXPPVC05RAM03ACL020PVC Fiches technique(PDF) 4 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC05RAM03ACL020PVC Fiches technique(HTML) 4 Page - Bulgin Limited. All rights reserved. |
|
4 / 8 page ![]() BUCCANEER M5 Series M5 Right Angled Female PXPTPU05RAF Part Number Poles Code Termination Lead Length Cable Material PXPPVC05RAF03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU05RAF03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC05RAF03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU05RAF03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC05RAF03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU05RAF03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC05RAF03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU05RAF03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC05RAF03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU05RAF03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC05RAF03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU05RAF03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC05RAF04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU05RAF04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC05RAF04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU05RAF04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC05RAF04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU05RAF04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC05RAF04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU05RAF04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC05RAF04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU05RAF04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC05RAF04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU05RAF04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Body PXPPVC05RAF ○ Available in 3 and 4 poles ○ Mates with Flex Inline Body & panel mount connectors M5 Buccaneer 3 |