Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DHT11 Fiches technique(PDF) 2 Page - OSEPP

No de pièce DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSEPP [OSEPP]
Site Internet  https://osepp.com/
Logo OSEPP - OSEPP

DHT11 Fiches technique(HTML) 2 Page - OSEPP

  DHT11 Datasheet HTML 1Page - OSEPP DHT11 Datasheet HTML 2Page - OSEPP DHT11 Datasheet HTML 3Page - OSEPP DHT11 Datasheet HTML 4Page - OSEPP DHT11 Datasheet HTML 5Page - OSEPP DHT11 Datasheet HTML 6Page - OSEPP DHT11 Datasheet HTML 7Page - OSEPP DHT11 Datasheet HTML 8Page - OSEPP DHT11 Datasheet HTML 9Page - OSEPP  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page | 2
DHT11Humidity&Temperature
Sensor
1. Introduction
DHT11 Temperature & Humidity Sensor features a temperature & humidity sensor
complex with a calibrated digital signal output. By using the exclusive digital-signal-acquisition
technique and temperature & humidity sensing technology, it ensures high reliability and
excellent long-term stability. This sensor includes a resistive-type humidity measurement
component and an NTC temperature measurement component, and connects to a high-
performance 8-bit microcontroller, offering excellent quality, fast response, anti-interference
ability and cost-effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9